|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Multilayer Chip Ferrite Beads ----SHH-1608 Features 1. Effective in suppressing noise at high frequencies. 2. Suited for preventing the abnormal oscillation from high frequency amplifying circuits. 3. Excellent solder heat resistance for soldering. 4. High reliability in the circuits of high current. 5. Lead Free (RoHS Compliance) PAGE 1/4 Applications 1. Noise suppression in digital equipments. 2. Computers and peripheral devices, VCR and camera. 3. Noise suppression in automotive electronic equipment, car stereo, car engine controller. 4. Noise suppression for OA electronic instruments. Ordering Information SHH (1) 1 M (2) 1608 (3) - 121 (4) J (5) T (6) (4) Impedance (at 100MHz) First two digits are impedance values. Last digit is the number of zeros (5) Termination J : Nickel barrier (6) Packaging B : Bulk package T : Tape & Reel (178 [ 7 inches ]) L : Tape & Reel (254 [ 10 inches ]) (1) Series SHH : For high current(~3.0A) (2) Material & Design S : For high speed M : For high impedance type T : For Low speed (3) Dimension First two digits : length () Last two digits : width () Shape and Dimensions Unit : mm [inches] Type T W L 1.60.15 W 0.80.15 T 0.80.15 C 0.300.20 SHH-11608* .063.006 .031.006 .031.006 .012.008 C(c) u L *All specifications are subject to change without notice. Multilayer Chip Ferrite Beads ----SHH-1608 Electrical Parameters Part No. Typ. SHH-1M1608-300 SHH-1M1608-600 SHH-1M1608-121 SHH-1M1608-221 SHH-1M1608-301 SHH-1M1608-501 SHH-1M1608-601 SHH-1M1608-801 SHH-1M1608-102 SHH-1S1608-100 SHH-1S1608-200 SHH-1S1608-300 SHH-1S1608-400 SHH-1S1608-550 SHH-1S1608-800 SHH-1S1608-121 SHH-1S1608-221 SHH-1T1608-260 SHH-1T1608-300 SHH-1T1608-800 SHH-1T1608-121 SHH-1T1608-221 SHH-1T1608-301 SHH-1T1608-331 SHH-1T1608-601 SHH-1T1608-102 30 60 120 220 300 500 600 800 1000 10 20 30 40 55 80 120 220 26 30 80 120 220 300 330 600 1000 lZl at 100MHz() min. 22 45 90 165 225 375 450 600 750 7.5 15 22 30 42 60 90 165 20 22 60 90 165 225 250 450 750 DC Resistance () max. 0.06 0.09 0.14 0.20 0.30 0.35 0.35 0.50 0.50 0.05 0.06 0.10 0.12 0.15 0.18 0.20 0.35 0.05 0.05 0.10 0.15 0.20 0.30 0.30 0.40 0.50 Rated current (mA) max. 2000 1600 1100 1000 900 800 750 650 550 1500 1400 1300 1300 1100 1000 1000 800 2000 2000 1600 1100 1000 900 800 650 550 PAGE 2/4 Parts with other electrical characteristics available upon request. Test equipment : HP4291 + HP16192A Electrical Characteristic Curves SHH-1M1608-300J 100 SHH-1M1608-600J 200 SHH-1M1608-121J 300 80 250 150 Z Impedance [] Impedance [] 60 Z 100 Z R 40 Impedance [] 200 R 150 R X 50 20 100 X X 0 1M 10M 100M 1G 50 0 1M 10M 100M 1G 0 1M 10M 100M 1G Frequency [Hz] Frequency [Hz] Frequency [Hz] *All specifications are subject to change without notice. Multilayer Chip Ferrite Beads ----SHH-1608 SHH-1M1608-221J 500 600 PAGE 3/4 SHH-1M1608-301J 1000 SHH-1M1608-601J 400 500 800 Z Impedance [] Impedance [] 300 Z R 400 Z R Impedance [] 600 300 R 400 200 200 100 X 200 X X 10M 100M 1G 100 0 1M 0 1M 10M 100M 1G 0 1M 10M 100M 1G Frequency [Hz] Frequency [Hz] Frequency [Hz] SHH-1M1608-102J 1400 1200 1000 200 SHH-1S1608-100J 200 SHH-1S1608-200J Impedance [ohm] Impedance [] 800 600 400 R 100 Impedance [] Z 150 150 100 Z 50 R X 200 0 1M 50 Z R X 1G 0 1M 10M 100M 0 1M X 1G 10M 100M 1G 10M 100M Frequency [Hz] Frequency [Hz] Frequency [Hz] SHH-1S1608-300J 200 200 SHH-1S1608-400J 300 SHH-1S1608-550J 250 150 150 Impedance [] Impedance [] Impedance [] 200 100 Z R 100 Z R 150 Z R 100 50 50 X 0 1M 10M 100M 1G 0 1M 10M 100M X 1G 50 X 10M 100M 1G 0 1M Frequency [Hz] Frequency [Hz] Frequency [Hz] SHH-1S1608-800J 500 500 S HH-1S1608-121J 1000 S HH-1S1608-221J 400 400 Z Impedance [] 800 Impedance [] 300 Impedance [] Z R 300 R 600 Z 400 200 200 R 100 100 200 X 0 1M 10M 100M 1G 0 1M 10M 100M X 1G 0 1M 10M 100M X 1G Frequency [Hz] Frequency [Hz] Frequency [Hz] *All specifications are subject to change without notice. Multilayer Chip Ferrite Beads ----SHH-1608 SHH-1T1608-300J 100 200 PAGE 4/4 S HH-1T1608-800J 200 SHH-1T1608-121J 80 150 150 Z R Impedance [] 60 Impedance [] Impedance [] 100 Z R 100 40 Z R 50 20 50 X 0 1M 10M 100M 1G 0 1M 10M X 100M 1G 0 1M 10M 100M X 1G Frequency [Hz] Frequency [Hz] Frequency [Hz] SHH-1T1608-221J 300 500 SHH-1T1608-301J 1000 SHH-1T1608-601J 250 Z Impedance [] 400 800 Impedance [] Impedance [] 200 Z 300 R 600 Z R 150 R 200 400 100 50 X 100 X 200 X 10M 100M 1G 0 1M 10M 100M 1G 0 1M 10M 100M 1G 0 1M Frequency [Hz] Frequency [Hz] Frequency [Hz] SHH-1T1608-102J 1400 1200 1000 Impedance [] Z R 800 600 400 200 0 1M X 10M 100M 1G Frequency [Hz] *All specifications are subject to change without notice. |
Price & Availability of SHH-1M1608-600 |